PART |
Description |
Maker |
MAX3040 MAX3040CSE MAX3040CUE MAX3040CWE MAX3040ES |
±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters QUAD LINE DRIVER, PDSO16 10kV ESD-Protected / Quad 5V RS-485/RS-422 Transmitters 【10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters "?0kV ESD-Protected, 2.5Mbps, 5V Quad RS- 485/422 Transmitter" "?0kV ESD Protected, 250kbps, 5V Quad RS- 485/422 Transmitter" "?0kV ESD-Protected, 20Mbps, 5V Quad RS-485/422 Transmitter" " ?à10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters" ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962-9159302MZX 5962-9159301MZX 5962-9159305MKX 59 |
x4 SRAM ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters ±10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters x4的SRAM ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers x4的SRAM
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd.
|
2CL2FK |
10kV 100mA HIGH VOLTAGE DIODE
|
getedz electronics
|
2CL2FG |
10kV 60mA HIGH VOLTAGE DIODE
|
getedz electronics
|
ESJA52-10A |
10kV 5mA HIGH VOLTAGE DIODES
|
getedz electronics
|
ESJA08-10 |
10kV 5mA HIGH VOLTAGE DIODES
|
getedz electronics
|
DC20KV DC30KV DC40KV DHR4E4C102K2FB |
High Voltage Ceramic Capacitors (over 10kV)
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
ESJC60S10 |
600mA 10kV -High Voltage Power Diodes
|
GETAI ELECTRONICS DEVIC...
|
ESJC60S10-17 |
600mA 10kV -High Voltage Silicon Rectifiers
|
GETAI ELECTRONICS DEVIC...
|
STG4159BJR STG4159 |
Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection Low voltage 0.3ヘ max single SPDT switch with break-before-make feature and 10kV contact ESD protection
|
STMicroelectronics
|
D-HR |
High Insulation Resistance, High Voltage Relays -10kV and 15kV
|
Cynergy3 Co
|
TSC51C1XXX-12IB TSC51C1XXX-A12IB TSC51C1XXX-A16IB |
IC FLEX 10K FPGA 20K 144-TQFP IC FLEX 10KV FPGA 50K 356-BGA IC MAX 7000 CPLD 64 68-PLCC IC FLEX 10KV FPGA 50K 240-PQFP IC FLEX 10KE FPGA 50K 240-PQFP IC FLEX 10K FPGA 50K 240-RQFP IC FLEX 10KA FPGA 30K 208-PQFP IC FLEX 10KS FPGA 50K 240-PQFP IC MAX 7000 CPLD 64 84-PLCC IC FLEX 10K FPGA 40K 208-RQFP IC MAX 7000 CPLD 32 44-PLCC IC MAX 7000 CPLD 64 100-TQFP IC FLEX 10K FPGA 30K 208-RQFP 8-BIT MICROCONTROLLER 8位微控制 IC FLEX 10KA FPGA 30K 240-PQFP 8位微控制
|
Marvell Semiconductor, Inc. STMicroelectronics N.V.
|